Part Number Hot Search : 
BA110LST 75SLQ045 DS42546 01111 2951A 2N3839 MPSA94 RFZ44E
Product Description
Full Text Search
 

To Download SMA11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet Description
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
Mechanical Dimensions
DO-214AC (SMA)
SMA11 . . . 110 Series
Features
n LOW COST n HIGH CURRENT CAPABILITY n HIGH SURGE CAPABILITY n LOW FORWARD VOLTAGE WITH LOW LEAKAGE CURRENT n MEETS UL SPECIFICATION 94V-0
SMA11 . . . 110 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) Non-Repetitive Peak Forward Surge Current...IFSM Operating & Storage Temperature Range...TJ, TSTRG Electrical Characteristics Maximum Forward Voltage @ 1.0A...VF Maximum Full Load Reverse Current...IR(av) Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage TC = 25C TC = 75C ............................................. 1.1 ............................................... SMA11 100 70 100 SMA12 200 140 200 SMA14 400 280 400 SMA16 600 420 600 SMA18 800 560 800 SMA110 1000 700 1000
Units
Volts Volts Volts Amps Amps C
............................................. 1.0 ............................................... ............................................. 3 0 ............................................... ......................................... -65 to 175 ..........................................
Volts
............................................. 3 0 ............................................... Amps
............................................. 5.0 ............................................... Amps ............................................. 5 0 ............................................... Amps ............................................. 3 0 ............................................... pF
Typical Junction Capacitance...CJ (Note 1) Page 10-24
Data Sheet
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
Typical Junction Capacitance
Reverse Voltage (V) Non-Repetitive Peak Forward Surge Current Average Forward Current (A) Forward Current Derating Curve
Peak Fprward Surge Current (A)
Number of Cycles @ 60 Hz Recommended Soldering Pad Layout
Lead Temperature (C) Typical Instantaneous Forward Characteristics
Amps
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load.
Forward Voltage (V) NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V.
For Capacitive Load, Derate Current by 20%.
Page 10-25
SMA11 . . . 110 Series
Junction Capacitance (pF)


▲Up To Search▲   

 
Price & Availability of SMA11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X